PART |
Description |
Maker |
N275CH04 N275CH04LOO N275CH04KOO N275CH04HOO N275C |
769.3 A, 400 V, SCR, TO-200AB 5565.65 A, 400 V, SCR 1640.65 A, 600 V, SCR, TO-200AC 36.11 A, 1200 V, SCR, TO-48 2614.05 A, 1400 V, SCR 3799.4 A, 3400 V, SCR 2610.91 A, 2600 V, SCR 133.45 A, 800 V, SCR 4474.5 A, 4200 V, SCR 3925 A, 4500 V, SCR 3925 A, 4400 V, SCR 2692.55 A, 1600 V, SCR 70.65 A, 200 V, SCR, TO-65 3595.3 A, 400 V, SCR 3595.3 A, 200 V, SCR 4003.5 A, 2800 V, SCR 1428.7 A, 1800 V, SCR, TO-200AC 1428.7 A, 1600 V, SCR, TO-200AC 612.3 A, 1600 V, SCR 32.97 A, 1000 V, SCR, TO-48 98.91 A, 1000 V, SCR, TO-65
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
MP03XXX190-12 MP03XXX190 MP03XXX190-08 MP03XXX190- |
Phase Control Dual SCR, SCR/Diode Modules 相位控制双可控硅,SCR /二极管模
|
Dynex Semiconductor, Ltd. DYNEX[Dynex Semiconductor]
|
TGF148-600B TGF148-1200B TGF148-800B TGF148-1000B |
63 A, 600 V, SCR, TO-65 63 A, 1200 V, SCR, TO-65 63 A, 800 V, SCR, TO-65 63 A, 1000 V, SCR, TO-65
|
ST Microelectronics
|
IST110A-6 ISTF160-5F35 ISTF160-3F35 IST85-13 IST85 |
175 A, 600 V, SCR 355 A, 500 V, SCR 355 A, 300 V, SCR 175 A, 1300 V, SCR 175 A, 300 V, SCR 355 A, 200 V, SCR 355 A, 1000 V, SCR
|
|
50RIA40M 50RIA40S90 50RIA120 50RIA80S90M 50RIA 50R |
100V 50A Phase Control SCR in a TO-208AC (TO-65) package 800V 50A Phase Control SCR in a TO-208AC (TO-65) package 1000V 50A Phase Control SCR in a TO-208AC (TO-65) package 400V 50A Phase Control SCR in a TO-208AC (TO-65) package 1600V 80A Phase Control SCR in a TO-208AC (TO-65) package 1200V 50A Phase Control SCR in a TO-208AC (TO-65) package 1400V 80A Phase Control SCR in a TO-208AC (TO-65) package 600V 50A Phase Control SCR in a TO-208AC (TO-65) package MEDIUM POWER THYRISTORS Silicon Controlled Rectifier, 80 A, 1600 V, SCR, TO-208AC, TO-65, 2 PIN
|
IRF[International Rectifier] Vishay Semiconductors
|
MCR100-6-AA-T92-B MCR100L-8-AD-T92-B MCR100G-6-B-A |
0.8 A, 400 V, SCR, TO-92 0.8 A, 600 V, SCR, TO-92 0.8 A, 200 V, SCR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD
|
MP02X130 MP02X130-16 MP02X130-18 MP02X130-20 |
MB 32C 32#20 PIN RECP Phase Control Dual SCR, SCR/Diode Modules
|
Dynex Semiconductor Ltd. DYNEX[Dynex Semiconductor]
|
MP02XXX190 MP02/190-12 MP02/190-14 MP02/190/10 |
Phase Control Dual SCR, SCR/Diode Modules
|
Dynex Semiconductor
|
MP03XXX300 |
Phase Control Dual SCR, SCR/Diode Modules
|
DYNEX[Dynex Semiconductor]
|
S4014BH TXN258 X0202DA X0402DE X0403ME S0402NH |
40 A, 200 V, SCR, TO-220AB TO-220AB, 3 PIN 8 A, 200 V, SCR, TO-220AB 1.25 A, 400 V, SCR, TO-92 4 A, 400 V, SCR, TO202-1 4 A, 600 V, SCR, TO202-1 4 A, 800 V, SCR, TO-220AB
|
STMICROELECTRONICS
|
DK2420FCM DK24 DK2414FCK DK2414FCM DK2416FCK DK241 |
Fast Switching Thyristor Fast Switching Thyristor 260 A, 1600 V, SCR, TO-93 BUZZER MAGN 2.4KHZ 12.6MM SMT 260 A, 1800 V, SCR, TO-93 Fast Switching Thyristor 260 A, 2000 V, SCR, TO-93
|
DYNEX[Dynex Semiconductor] Dynex Semiconductor Ltd. Dynex Semiconductor, Ltd.
|
|